PART |
Description |
Maker |
SUD10P06-280L SUU10P06-280L |
P-Channel 60-V (D-S), 175C MOSFET, Logic Level P通道60 -五(副)75 MOSFET的逻辑电平 P-Channel 60-V (D-S), 175 grades C MOSFET, Logic Level P-Channel 60-V (D-S), 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
ISL9N304AP3 ISL9N304AS3ST ISL9N304AS3STL86Z |
75 A, 30 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?/a> N-Channel Logic Level UltraFET Trench MOSFETs 30V/ 75A/ 4.5m N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 4.5Mз N-Channel Logic Level UltraFET R Trench MOSFETs 30V, 75A, 4.5mOhm
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FDP7030BL FDB7030BL FDP7030 FDB7030BLNL |
N-Channel Logic Level PowerTrenchTM MOSFET N-Channel Logic Level PowerTrench MOSFET 60 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ISL9N306AS3ST ISL9N306AP3 ISL9N306AS3STNL |
N-Channel Logic Level PWM Optimized UltraFET TrenchPower MOSFET N-Channel Logic Level PWM Optimized UltraFETTrench Power MOSFETs N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
BUK9E06-55B BUK9506-55B BUK9606-55B |
N-channel TrenchMOSTM logic level FET N沟道场效应晶体管逻辑电平TrenchMOSTM N-channel TrenchMOS(tm) logic level FET
|
Electronic Theatre Controls, Inc. ETC[ETC] PHILIPS List of Unclassifed Manufacturers
|
FDS4435A FDS4435 FDS4435ANF073 FDS4435ANL |
P-Channel Logic Level PowerTrench MOSFET P-Channel Logic Level PowerTrench⑩MOSFET P-Channel Logic Level PowerTrench?MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
HUFA76407DK8T HUFA76407DK8 |
3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 3800 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA 3.5A/ 60V/ 0.105 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|